Part Number Hot Search : 
PY100 SIT9121 SR2010TA MMBT3904 PJQ5468A 74435 5794U DS9092L
Product Description
Full Text Search
 

To Download DSEP15-06B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSEP 15-06B
HiPerFREDTM Epitaxial Diode
with soft recovery
Preliminary data
IFAV = 15 A VRRM = 600 V = 25 ns trr
A C
VRSM V 600
VRRM V
Type
TO-220 AC
C
600
DSEP 15-06B
A
C (TAB)
A = Anode, C = Cathode, TAB = Cathode
D4
Symbol IFRMS IFAVM IFSM EAS
Conditions TC = 130C; rectangular, d = 0.5 TVJ = 45C; tp = 10 ms (50 Hz), sine TVJ = 25C; non-repetitive; IAS = 1 A; L = 100 H L = 20 mH VA = 1.5*VR typ.; f = 10 kHz; repetitive
Maximum Ratings 35 15 110 0.1 20 0.1 -55...+175 175 -55...+150 A A Features A
G G
mJ mJ A C C C W Nm g
G G G G
IAR TVJ TVJM Tstg Ptot Md Weight
G
International standard package Planar passivated chips Very short recovery time Extremely low switching losses Low IRM-values Soft recovery behaviour Epoxy meets UL 94V-0
TC = 25C mounting torque typical
95 0.4...0.6 2
Applications
G
G G G
Symbol IR x
Conditions TVJ = 25C VR = VRRM TVJ = 150C VR = VRRM IF = 15 A; TVJ = 150C TVJ = 25C
Characteristic Values typ. max. 100 0.5 1.55 2.52 1.6 0.5 A mA V V K/W K/W ns A
G
G G G
VF y RthJC RthCH t rr IRM
Antiparallel diode for high frequency switching devices Antisaturation diode Snubber diode Free wheeling diode in converters and motor control circuits Rectifiers in switch mode power supplies (SMPS) Inductive heating Uninterruptible power supplies (UPS) Ultrasonic cleaners and welders
Advantages
G
IF = 1 A; -di/dt = 100 A/s; VR = 30 V; TVJ = 25C VR = 100 V; IF = 25 A; -diF/dt = 100 A/s TVJ = 100C
25
30 2.6
G
G
Pulse test: x Pulse Width = 5 ms, Duty Cycle < 2.0 % y Pulse Width = 300 s, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified
Avalanche voltage rated for reliable operation Soft reverse recovery for low EMI/RFI Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
Dimensions see pages D4 - 85-86
(c) 2001 IXYS All rights reserved
1-1
147
IXYS reserves the right to change limits, test conditions and dimensions.


▲Up To Search▲   

 
Price & Availability of DSEP15-06B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X